PART |
Description |
Maker |
MC33181 MC33181D MC33181P MC34181 MC34184DTB MC331 |
Low Power, High Slew Rate, Wide Bandwidth, JFET Input Operational Amplifiers QUAD OP-AMP, 11500 uV OFFSET-MAX, 4 MHz BAND WIDTH, PDSO14 Low Power, High Slew Rate, Wide Bandwidth, JFET Input Operational Amplifiers QUAD OP-AMP, 11000 uV OFFSET-MAX, 4 MHz BAND WIDTH, PDSO14 (MC34182 / MC34184) Low Power / High Slew Rate / Wide Bandwidth / JFET Input Operational Amplifiers Dual Precision Timer 14-PDIP -40 to 85 (MC33181 - MC33184) Low Power / High Slew Rate / Wide Bandwidth / JFET Input Operational Amplifiers
|
http:// Motorola Mobility Holdings, Inc. ON Semiconductor Motorola, Inc.
|
MC34072G-S08-R MC34072L-D08-T MC34072L-S08-R |
HIGH SLEW RATE, WIDE BANDWIDTH , SINGLE SUPPLY OPERATIONAL AMPLIFIER
|
Unisonic Technologies http://
|
MC34072JO MC34072JOR2 |
High Slew Rate, Wide Bandwidth, Single Supply Operational Amplifiers
|
ON Semiconductor
|
MS2100 MS21001 |
Rail-to-Rail Output, Low Voltage, High Slew Rate, Wide Bandwidth Dual Operational Amplifiers
|
MOSA ELECTRONICS
|
HS-2520RH01 HS-2520RH |
Op Amp, Single, 20MHz, High Slew Rate 120V/s (Typ), Rad-Hard Radiation Hardened Uncompensated, High Slew Rate Operational Amplifier
|
Intersil Corporation
|
IDT723631 IDT723651 IDT723641 IDT723631L15PQF IDT7 |
Quad, High Slew Rate, Single-Supply, Op Amp 14-SOIC 0 to 70 HIGH-SLEW-RATE, SINGLE-SUPPLY OPERATIONAL AMPLIFIERS 14-TSSOP 0 to 70 Quad, High Slew Rate, Single-Supply, Op Amp 14-SOIC -40 to 105 CMOS SyncFIFOO 512 x 36, 1024 x 36, 2048 x 36
|
Integrated Device Technology, Inc.
|
NJM2136 |
ULTRA WIDE BAND, HIGH SLEW RATE SINGLE OPERATIONAL AMPLIFIER From old datasheet system
|
njr
|
ISL83485 ISL83485IB ISL83485IP ISL83483 ISL83488 I |
N-CHANNEL SILICON JUNCTION FET SOT23 Quadruple 2-Input Positive-OR Gates 14-SOIC -40 to 85 3.3V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers LINE TRANSCEIVER, PDSO8 3.3V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers LINE TRANSCEIVER, PDIP8 3.3V/ Low Power/ High Speed or Slew Rate Limited/ RS-485/RS-422 Transceivers 3.3V Low Power High Speed or Slew Rate Limited RS-485/RS-422 Transceivers There is no valid match for the device number entered.
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
HA3-2840-5 HA3-2840-9 HA3B2840-5 HA7-2840-9 HA9P28 |
600MHz Very High Slew Rate Operational Amplifier 600MHz/ Very High Slew Rate Operational Amplifier 600MHz, Very High Slew Rate Operational Amplifier 频率600MHz,压摆率甚高运算放大
|
Harris Semiconductor HARRIS[Harris Corporation] Harris, Corp.
|
MAX3483 MAX3483CPA MAX3483CSA MAX3483EPA MAX3483ES |
3.3V Powered, 10Mbps and Slew-Rate Limited, True RS-485/RS-422 Transceivers 3.3V-Powered 10Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers 3.3V-Powered / 10Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers QVGA-HVGA 27-Bit Display Serial Interface Receiver 48-BGA MICROSTAR JUNIOR -40 to 85 SWITCH, 6MM S0/8.5MM HT TACT 3.3V-Powered, 10Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers LINE TRANSCEIVER, PDIP14
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maixm Maxim Integrated Products, Inc.
|
MAX3483E MAX3483ECPA MAX3483ECSA MAX3483EEPA MAX34 |
Quad LVDS Receiver with -4 to 5V Common-mode Range 16-SOIC -40 to 85 3.3V-Powered, ??5kV ESD-Protected, 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers 3.3V Powered, ±15kV ESD-Protected, 12Mbps, Slew-Rate-Limited True RS-485/RS-422 Transceivers QVGA-VGA 27-Bit Display Serial Interface Receiver 48-BGA MICROSTAR JUNIOR -40 to 85 LINE TRANSCEIVER, PDSO8 3.3V-Powered, 5kV ESD-Protected, 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers QVGA-VGA 27-Bit Display Serial Interface Transmitter 48-BGA MICROSTAR JUNIOR -40 to 85 3.3V-Powered, ±15kV ESD-Protected, 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers 3.3V-Powered, 15kV ESD-Protected, 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers 3.3V-Powered, ±15kV ESD-Protected, 12Mbps and Slew-Rate-Limited True RS- 485/RS-422 Transceivers 3.3V-Powered 15kV ESD-Protected 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers 3.3V-Powered, 【15kV ESD-Protected, 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers 3.3V-Powered / 15kV ESD-Protected / 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers 3.3V Powered, ±15kV ESD-Protected, 12Mbps, Slew-Rate-Limited True RS-485/RS-422 Transceivers 3.3V-Powered, 15,-15kV ESD-Protected, 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers 3.3V-Powered, 15,15kV ESD-Protected, 12Mbps
|
MAXIM INTEGRATED PRODUCTS INC Maxim Integrated Products, Inc. Maixm MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
|